Part Number Hot Search : 
C3502 B2622BB1 B60NF10 HMC544E C3150 SM9403BM 045CT IRKDS201
Product Description
Full Text Search
 

To Download 523-2SURD-S530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 2.0*5.0mm rectangle type led lamps features : choice of various viewing angles available on tape and reel. reliable and robust pb free the product itself will remain within rohs compliant version. descriptions : the series is specially designed for applications requiring higher brightness the led lamps are available with different colors, intensities. applications : tv set monitor telephone computer 523-2surd/s530-a3 algainp hyper red red diffused everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 1 of 6 device number : cdle-052-128 prepared date: 2005/12/19 p repared by: xiuzen feng cg0512017r0504906 523-2surd/s530-a3 lens color part no. material emitted color
technical data sheet 2.0*5.0mm rectangle type led lamps package dimensions notes: 1. all dimensions are in millimetres 2. the height of flange must be less than 1.5mm(0.059"). 3. without special declared,the tolerance is 0.25mm. absolute maximum ratings at ta = 25 parameter symbol rating unit forward current i f 25 ma operating temperature topr -40 to +85 storage temperature tstg -40 to +100 esd 2000 v soldering temperature tsol 260 5 power dissipation pd 60 mw reverse voltage v r 5v note: *1:soldering time Q 5 seconds. everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 2 of 6 device number : cdle-052-128 prepared date: prepared by: xiuzen fe ng 523-2surd/s530-a3 electrostatic discharge 2005/12/19
technical data sheet 2.0*5.0mm rectangle type led lamps electro-optical characteristics (ta=25) symbol min. typ. max. unit vf i f = 20 ma 2.0 2.4 v ir v r = 5 v 10 a iv i f = 20 ma 16 32 mcd 21/2 i f = 20 ma 120 deg p i f = 20 ma 632 nm d i f = 20 ma 624 nm i f = 20 ma 20 nm everlight electronics co.,ltd. http : //www.everlight.com rev. : 2 page: 3 of 6 device number : cdle-052-128 prepared date: pre pared by: xiuzen feng 523-2surd/s530-a3 condition parameter 2005/12/19 peak wavelength dominant wavelength spectrum radiation bandwidth forward voltage reverse current luminous intensity viewing angle
technical data sheet 2.0*5.0mm rectangle type led lamps typical electro-optical characteristic curves: everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 4 of 6 device number : cdle-052-128 prepared date: 2005/12/19 prepared b y: xiuzen feng 523-2surd/s530-a3
technical data sheet 2.0*5.0mm rectangle type led lamps reliability test items and conditions: the reliability of products shall be satisfied with items l isted below. confidence level97% ltpd3% no item test conditions sample size failure judgment criteria 1 solder heat temp : 260 5 76 pcs h : +100 15min 2 temperature cycle 5 min 76 pcs l : -40 15min h : +100 5min 3 thermal shock 10 sec 76 pcs l : -10 5min 4 high temperature storage temp : 100 76 pcs 5 low temperature storage temp : -40 76 pcs temp : 25 i f = 20ma 7 high temperature / high humidity 85 / 85% rh 76 pcs n oteivtto test iv value of the chip before the reliablility t est ivthe test value of the chip that has completed the reliablili ty test uupper specification limit l lower specification limit everlight electronics co. , http : //www.everlight.com rev.: 2 page: 5 of 6 device number : cdle-052-128 prepared by: xiuzen feng prepared date: 2005/12/19 test hours/cycle 10 sec 0/1 76 pcs 300 cycles 300 cycles 1000 hrs 6 dc operating life ac/re 0/1 0/1 0/1 0/1 0/1 0/1 ivQivt*0.5 or vfRu or vfQl 1000 hrs 1000 hrs 1000 hrs 523-2surd/s530-a3
technical data sheet 2.0*5.0mm rectangle type led lamps packing quantity specification 1. 500pcs/1bag5bags/1box 2. 10boxes/1carton label form specification cpn: customer's production number p/n : production number qty: packing quantity cat: ranks hue: dominant wavelength ref: reference lot no: lot number made in taiwan: production place notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight ass umes no responsibility for any damage resulting from use of the product which does not com ply with the absolute maximum ratings and the instructions included in these specific ation sheets. 3. these specification sheets include materials protected under copyright of everlight corporatio n please dont reproduce or cause anyone to reproduce them withou t everlightsconsent. everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 device number : cdle-052-128 prepared date: 2005/12/19 prepared by: page: 6 of 6 xiuzen feng 523-2surd/s530-a3 e verlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http:\\www.everlight.com 523-2surd/s530-a 3


▲Up To Search▲   

 
Price & Availability of 523-2SURD-S530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X